Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download RP60-2433SGN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com 1 january-2007 60 watt 2 x 2 single output powerline dc/dc-converter rp60- sg series 60 watts regulated output power 2:1 wide input voltage range 1.6kvdc isolation (basic insulation) overload and over temperature protection six-sided shield no derating to 40c standard 2 x2 package and pinning efficiency to 90% features regulated converters selection guide 24v and 48v wide input types derating graph (ambient temperature) part number input output output input (5,4) efficiency (5) capacitive (6) range voltage current current load max. vdc vdc ma ma % f rp60-243.3sg 18-36 3.3 14000 100/2264 89 36000 rp60-2405sg 18-36 5 12000 130/2941 90 20400 rp60-2412sg 18-36 12 5000 150/2907 90 3550 rp60-2415sg 18-36 15 4000 150/2907 90 2300 rp60-483.3sg 36-75 3.3 14000 80/1132 89 36000 rp60-4805sg 36-75 5 12000 90/1453 90 20400 rp60-4812sg 36-75 12 5000 100/1453 90 3550 rp60-4815sg 36-75 15 4000 100/1453 90 2300       


 
 
             !
 "  
     #$ %  #&$ &   derating graphs are valid only for the shown part numbers. if you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at * no suffix for ctrl function with positive logic (1=on, 0=off), this is standard * add /n for ctrl function with negative logic (0=on, 1=off)
2 www.recom-international.com january-2007 derating graph (ambient temperature)       


 
 
             !
 "  
     # ' (  )
* %  #+,-%  #&+,-%  #+,-%  #+,-       rp60-4805sg powerline dc/dc-converter rp60-sg series specifications (typical at nominal input and 25c unless otherwise noted) input voltage range 24v nominal input 18-36vdc 48v nominal input 36-75vdc undervoltage protection 24v input dc-dc on = 17vdc, dc-dc off = 15vdc 48v input dc-dc on = 34vdc, dc-dc off = 32vdc input filter pi type input voltage variation dv/dt (complies with ets300 132 part 4.4) 5v/ms max input surge voltage (100 ms max.) 24v input 50vdc 48v input 100vdc input reflected ripple (nominal vin and full load)(see note 3) 20map-p start up time (nominal vin and constant resistor load) 20ms max. remote on/off (see note 7) positive logic - standard dc-dc on open or 3v < vr < 12v dc-dc off short or 0v < vr < 1.2v negative logic - /n option dc-dc on short or 0v < vr < 1.2v dc-dc off open or 3v < vr < 12v remote pin drive current nominal vin -0.5 -1.0ma remote off input current nominal vin 4ma output power 60w max. output voltage accuracy (full load and nominal vin) 1% continued on next page
www.recom-international.com 3 january-2007 specifications, cont. (typical at nominal input and 25c unless otherwise noted) powerline dc/dc-converter rp60-sg series voltage adjustability (see note 1) 10% line regulation ll to hl at full load 0.2% load regulation (see note 3) 0% to 100% load 0.5% temperature coefficient 0.02%/c max. ripple and noise (20mhz bandwith) 3.3,5v 75mvp-p 12,15v 100mvp-p transient response (25% load step change) 250s over voltage protection 3.3 vout 3.7-5.4v zener diode clamp (only single) 5 vout 5.6-7.0v 12 vout 13.7-17.5v 15 vout 16.8-20.5v over load protection (% of full load at nominal vin) 150% max. short circuit protection hiccup, automatic recovery efficiency see ?selection guide table isolation voltage 1600vdc min. isolation resistance 1 g ? min. isolation capacitance 1500pf max. operating frequency 300khz typ. designed to meet safety standards iec60950-1, ul60950-1, en60950-1 operating temperature range -40c to +40c(without derating) +55c to +110c(with derating) maximum case temperature 110c storage temperature range -55c to +125c over temperature protection 120c typ. thermal impedance (see note 11) without heat-sink 10.5c/watt with heat-sink 8.4c/watt thermal shock mil-std-810d vibration 10-55hz, 10g, 30 min. along x, y and z relative humidity 5% to 95% rh case material nickel plated copper base material non-conductive black plastic fr4 potting material epoxy (ul94-v0) conducted emissions (see notes 9, 10) en55022 class a radiated emissions en55022 class a esd en61000-4-2 perf. criteria b radiated immunity en61000-4-3 perf. criteria a fast transient en61000-4-4 perf. criteria b surge en61000-4-5 perf. criteria b conducted immunity en61000-4-6 perf. criteria a weight 60g dimensions 50.8 x 50.8 x 10.2mm mtbf (see note 2) bellcore tr-nwt-00332 1093 x 10 3 hours mil-std-217f 1096 x 10 3 hours
4 www.recom-international.com january 2007 notes : powerline dc/dc-converter rp60-sg series 1. maximum output deviation is 10% inclusive of remote sense and trim. if remote sense is not being used, the +sense should be c onnected to its corresponding +output and likewise the -sense should be connected to its corresponding Coutput. 2. bellcore tr-nwt-000332. case l: 50% stress, temperature at 40c (ground fixed and controlled environment). 3. no minimum loading on the output is required to maintain specified regulation. operation under no-load condition will not dam age these devices 4. maximum value at nominal input voltage and full load. 5. typical value at nominal input voltage and full load. 6. test by minimum vin and constant resistive load. 7. the on/off control pin voltage is referenced to the negative input (-vin). to order negative logic on/off control add the suffix-n (ex: rp60-4805sg-n). 8. heat sink is optional and p/n: 7g-0026a. 9. the rp60-sg series meets en55022 class a with an external capacitor across the input pins (24vin:6.8f/50v mlcc, 48vin:2x2,2 f/100v mlcc) 1o. see also application notes for emi-filtering. 11.vertical orientation and natural convection. package style and pinning (mm)  . .  & . . /  $
! . 0 . .  . .& .& .     . . . . . &0  (
 1
* pin pitch tolerance 0.35 mm pin connections pin # single 1 +vin 2-vin 3 ctrl 4 -sense (note 1) 5 +sense(note 1) 6 +vout 7 -vout 8 trim


▲Up To Search▲   

 
Price & Availability of RP60-2433SGN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X